Part Number Hot Search : 
BLM41P ANALOG ICX267 KFXXB08 PL2950 XXXXXXX6 0SPBF 2CL70
Product Description
Full Text Search
 

To Download SUR60100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUR6080 thru SUR60120
Ultra Fast Recovery Epitaxial Diodes
Dimensions TO-247AC A C(TAB) C A C
Dim. A B C D E F G H J K L M N
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
A=Anode, C=Cathode, TAB=Cathode VRSM V 800 1000 1200 VRRM V 800 1000 1200
SUR6080 SUR60100 SUR60120
Symbol IFRMS IFAVM IFRM
Test Conditions TVJ=TVJM TC=60oC; rectangular, d=0.5 tp<10us; rep. rating, pulse width limited by TVJM TVJ=45oC t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 100 60 800 500 540 450 480 1250 1200 1000 950 -40...+150 150 -40...+150
Unit A
IFSM
TVJ=150oC TVJ=45oC
A
I2t
TVJ=150oC
A2s
TVJ TVJM Tstg Ptot Md Weight TC=25oC Mounting torque
o
C
189 0.8...1.2 6
W Nm g
SUR6080 thru SUR60120
Ultra Fast Recovery Epitaxial Diodes
Symbol
Test Conditions TVJ=25oC; VR=VRRM TVJ=25oC; VR=0.8.VRRM TVJ=125oC; VR=0.8.VRRM IF=60A; TVJ=150oC TVJ=25oC For power-loss calculations only TVJ=TVJM
Characteristic Values typ. max. 3 0.5 14 1.8 2.3 1.43 6.1 0.66 0.25 35
Unit
IR
mA V V m K/W
VF VTO rT RthJC RthCK RthJA trr IRM
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25oC _ VR=540V; IF=60A; -diF/dt=480A/us; L<0.05uH; TVJ=100 C
o
35 32
50 36
ns A
FEATURES
* International standard package JEDEC TO-247AC * Planar passivatd chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating and melting * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses * Operating at lower temperature or space saving by reduced cooling
SUR6080 thru SUR60120
Ultra Fast Recovery Epitaxial Diodes
F ig. 1 F orward current vers us voltage drop.
F ig. 2 R ecovery charge vers us -diF /dt.
F ig. 3 P eak revers e current vers us -diF /dt.
F ig. 4 Dynamic parameters vers us junction temperature.
F ig. 5 R ecovery time vers us -diF /dt.
F ig. 6 P eak forward voltage vers us diF /dt.
F ig. 7 T rans ient thermal impedance junction to cas e.


▲Up To Search▲   

 
Price & Availability of SUR60100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X